PART |
Description |
Maker |
BC338-25ZL1 BC337-25ZL1 BC337-25RL1 BC337-16RL1 BC |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 800MA I(C) | TO-92 IC MAX 7000 CPLD 64 68-PLCC IC CONFIG DEVICE 440KBIT 32-TQFP 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一c)|2 晶体管|晶体管|叩| 25V的五(巴西)总裁| 800mA的一c)|2 IC MAX 7000 CPLD 64 44-PLCC 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一(c)|2
|
Rectron Semiconductor
|
TSC51C1XXX-12IB TSC51C1XXX-A12IB TSC51C1XXX-A16IB |
IC FLEX 10K FPGA 20K 144-TQFP IC FLEX 10KV FPGA 50K 356-BGA IC MAX 7000 CPLD 64 68-PLCC IC FLEX 10KV FPGA 50K 240-PQFP IC FLEX 10KE FPGA 50K 240-PQFP IC FLEX 10K FPGA 50K 240-RQFP IC FLEX 10KA FPGA 30K 208-PQFP IC FLEX 10KS FPGA 50K 240-PQFP IC MAX 7000 CPLD 64 84-PLCC IC FLEX 10K FPGA 40K 208-RQFP IC MAX 7000 CPLD 32 44-PLCC IC MAX 7000 CPLD 64 100-TQFP IC FLEX 10K FPGA 30K 208-RQFP 8-BIT MICROCONTROLLER 8位微控制 IC FLEX 10KA FPGA 30K 240-PQFP 8位微控制
|
Marvell Semiconductor, Inc. STMicroelectronics N.V.
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
XCR5128C-10TQ128C XCR5128C-15TQ128C XCR5128C-10TQ1 |
128 Macrocell CPLD with Enhanced Clocking EE PLD, 10 ns, PQFP128 128 Macrocell CPLD with Enhanced Clocking 128个宏单元CPLD增强型时
|
Xilinx, Inc. XILINX INC
|
CY7C375I |
UltraLogic 128-Macrocell Flash CPLD(超逻辑128-宏单元闪速CPLD) UltraLogic 128宏单元CPLD的闪光(超逻辑128 -宏单元闪速的CPLD UltraLogic 128-Macrocell Flash CPLD(超逻辑28-宏单元闪速CPLD) From old datasheet system
|
Cypress Semiconductor Corp.
|
Z0110NA/2AL2 Z0110NN/2AL2 Z0107MA/1AA2 Z0109MA/1AA |
TRIAC|800V V(DRM)|1A I(T)RMS|TO-92 MEMORY 16MBYTES 3 VOLT STRATAFLASH 56-LEAD TSOP 256MB SDRAM SODIMM IC APEX 20KE FPGA 200K 484-FBGA IC, ISP EPM7192SQC160-7 IC MAX 7000 CPLD 32 44-PLCC FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No CPLD Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:68-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 8Mb Boot Block Flash TRIAC|700V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 Programmable Logic IC; Logic Type:Programmable; Package/Case:84-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|TO-92 可控硅| 600V的五(DRM)的| 1A条口T)的有效值|92 TRIAC|700V V(DRM)|1A I(T)RMS|TO-92 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 600V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|采用SOT - 223
|
Electronic Theatre Controls, Inc. NXP Semiconductors N.V. OMRON Scientific Technologies, Inc. Supertex, Inc. TE Connectivity, Ltd. Omron Electronics, LLC
|
EPM7256SRI208-10 EPM7064STC100-10 EPM7064SLI44-7 E |
最000可编程逻辑器件1.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最000可编程逻辑器件.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最7000可编程逻辑器件.13公尺
|
Altera, Corp.
|
CY7C374 |
128-Macrocell Flash CPLD
|
Cypress Semiconductor
|
XCR5128C-12VQ100C XCR5128C-12VQ100I XCR5128C-15VQ1 |
128 Macrocell CPLD with Enhanced Clocking
|
XILINX[Xilinx, Inc]
|
5962-9759802QYA 5962-9759902QXC 5962-9759902QZC 59 |
UltraLogic 128-Macrocell Flash CPLD
|
Cypress
|
|